PART |
Description |
Maker |
1KSMBJ11A 1KSMBJ9.1A 1KSMBJ51A 1KSMBJ91A 1KSMBJ24A |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:600V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor 硅雪崩二极管- 1000瓦表面贴装瞬态电压抑制器
|
Littelfuse, Inc.
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
ES3G |
Surface Mount Ultrafast Plastic Rectifier, Forward Current 3.0A
|
Vishay
|
SS3200 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current - 3.0 Amperes
|
Chendahang Electronics Co., Ltd
|
SS210 SS2200 SS2150 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current - 2.0 Amperes
|
Chendahang Electronics Co., Ltd
|
SS1H10 |
High Voltage Surface Mount Schottky Rectifier, Forward Current 1.0A
|
Vishay
|
1SMB3EZ100 1SMB3EZ91 1SMB3EZ20 1SMB3EZ130 1SMB3EZ1 |
surface mount silicon Zener diodes 硅表面贴装齐纳二极管 SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 3.0 Watts)
|
Pan Jit International I... PanJit International Inc. PanJit International, Inc. Pan Jit International Inc. http://
|
SMZ107 SMZ6.2 SMZ6.8 SMZ62 SMZ68 SMZ9.1 SMZ91 SMZ1 |
surface mount silicon Zener diodes 8.2 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Surface Mount Silicon-Zener Diodes (non-planar technology)
|
Diotec Semiconductor AG
|
BAS40T-06T |
Low Forward Voltage Drop, Ultra-Small Surface Mount Package
|
TY Semiconductor Co., Ltd
|
FSL13-15 |
Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 1A
|
GOOD-ARK Electronics
|
SGC2550S-15 |
Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 25A
|
GOOD-ARK Electronics
|